|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
general description the MAX4521/max4522/max4523 are quad, low-volt- age, single-pole/single-throw (spst) analog switches. on-resistance (100 ? max) is matched between switch- es to 4 ? max, and is flat (12 ? max) over the specified signal range. each switch can handle rail-to-rail ana- log signals. the off-leakage current is only 1na at +25? and 10na at +85?. the MAX4521 has four normally closed (nc) switches, and the max4522 has four normally open (no) switch- es. the max4523 has two nc switches and two no switches. these cmos switches can operate with dual power supplies ranging from ?v to ?v or a single supply between +2v and +12v. they are fully specified for sin- gle +2.7v operation. all digital inputs have +0.8v and +2.4v logic thresh- olds, ensuring ttl/cmos-logic compatibility when using ?v or a single +5v supply. applications battery-operated equipment data acquisition test equipment avionics audio signal routing networking features +2v to +12v single supply ?v to ?v dual supplies 100 ? signal paths with ?v supplies low power consumption, <1? 4 separately controlled spst switches rail-to-rail signal handling pin compatible with industry-standard dg211/dg212/dg213 >2kv esd protection per method 3015.7 ttl/cmos-compatible inputs with ?v or single +5v supply MAX4521/max4522/max4523 quad, low-voltage, spst analog switches ________________________________________________________________ maxim integrated products 1 switches shown for logic "0" input dip/so/qsop/tssop max4522 logic switch 0 1 off on top view dip/so/qsop/tssop MAX4521 logic switch 0 1 on off dip/so/qsop/tssop max4523 logic switches 1, 4 0 1 off on switches 2, 3 on off 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 in2 com2 nc2 v+ v- no1 com1 in1 max4523 n.c. nc3 com3 in3 in4 com4 no4 gnd 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 in2 com2 nc2 v+ v- nc1 com1 in1 MAX4521 n.c. nc3 com3 in3 in4 com4 nc4 gnd 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 in2 com2 no2 v+ v- no1 com1 in1 max4522 n.c. no3 com3 in3 in4 com4 no4 gnd n.c. = not connected pin configurations/functional diagrams/truth tables 19-1136; rev 3; 10/01 part MAX4521 cpe MAX4521cse MAX4521cee 0? to +70? 0? to +70? 0? to +70? temp. range pin-package 16 plastic dip 16 narrow so 16 qsop ordering information ordering information continued at end of data sheet. * contact factory for dice specifications. MAX4521c/d 0? to +70? dice* MAX4521cge 0? to +70? 16 qfn rail-to-rail is a registered trademark of nippon motorola, ltd. MAX4521cue 0? to +70? 16 tssop for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. pin configurations continued at end of data sheet.
MAX4521/max4522/max4523 quad, low-voltage, spst analog switches 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics?ual supplies (v+ = +4.5v to +5.5v, v- = -4.5v to -5.5v, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) note 1: signals on nc_, no_, com_, or in_ exceeding v+ or v- are clamped by internal diodes. limit forward-diode current to maxi- mum current rating. note 2: all leads are soldered or welded to pc boards. stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. voltages referenced to gnd v+.....................................................................-0.3v to +13.0v v- .....................................................................-13.0v to +0.3v v+ to v- ............................................................-0.3v to +13.0v all other pins (note 1) ..........................(v- - 0.3v) to (v+ + 0.3v) continuous current into any terminal..............................?0ma peak current into any terminal (pulsed at 1ms,10% duty cycle)...................................?0ma esd per method 3015.7 ..................................................>2000v continuous power dissipation (t a = +70?) (note 2) plastic dip (derate 10.53mw/? above +70?) ..........842mw narrow so (derate 8.70mw/? above +70?) ............696mw qsop (derate 9.52mw/? above +70?) ....................762mw cerdip (derate 10.00mw/? above +70?) ...............800mw tssop (derate 6.7mw/? above +70?) ....................457mw qfn (derate 16.9mw/? above +70?) ....................1349mw operating temperature ranges max452_c_e ......................................................0? to +70? max452_e_e ...................................................-40? to +85? max452_mje ................................................-55? to +125? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? (note 4) v+ = 5.5v, v- = -5.5v, v com_ = ?.5v v+ = 5.5v, v- = -5.5v, v com_ = ?.5v, v n_ = 4.5v v+ = 5v, v- = -5v, v com_ = ?v, i com_ = 1ma v+ = 5.5v, v- = -5.5v, v com_ = 4.5v, v n_ = ?.5v v+ = 5v, v- = -5v, v com_ = ?v, i com_ = 1ma v+ = 5v, v- = -5v, v com_ = ?v, i com_ = 1ma conditions na -200 200 i com_(on) com_ on-leakage current (note 7) -20 20 -2 0.01 2 na -100 100 i com_(off) com_ off-leakage current (note 7) -10 10 -1 0.01 1 na -100 100 i no_(off) , i nc_(off) no_, nc_ off-leakage current (note 7) -10 10 -1 0.01 1 v v- v+ v com_ , v no_ , v nc_ analog signal range ? 15 r flat(on) com_ to no_, com_ to nc_ on-resistance flatness (note 6) 712 ? 6 ? r on com_ to no_, com_ to nc_ on-resistance match between channels (note 5) 65 100 ? 125 r on com_ to no_, com_ to nc_ on-resistance 14 units min typ max (note 3) symbol parameter c, e, m m c, e +25? m c, e c, e, m +25? m +25? c, e, m +25? c, e, m +25? c, e +25? t a analog switch MAX4521/max4522/max4523 quad, low-voltage, spst analog switches _______________________________________________________________________________________ 3 electrical characteristics?ual supplies (continued) (v+ = +4.5v to +5.5v, v- = -4.5v to -5.5v, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) conditions c, e, m c, e, m v 0.8 1.6 v in_l in_ input logic threshold low v 1.6 2.4 v in_h in_ input logic threshold high units min typ max (note 3) symbol parameter t a c, e, m v in_ = 0.8v or 2.4v ? -1 0.03 1 i inh_ , i inl_ in_ input current logic high or low +25? 45 80 turn-on time t on v com_ = ?v, v+ = 4.5v, v- = -4.5v, figure 1 c, e, m 100 ns +25? 15 30 turn-off time t off v com_ = ?v, v+ = 4.5v, v- = -4.5v, figure 1 c, e, m 40 ns break-before-make time delay (max4523 only) t bbm v com_ = ?v, v+ = 5.5v, v- = -5.5v, figure 2 +25? 520 ns charge injection (note 4) q c l = 1nf, v no_ = 0, r s = 0 ? , figure 3 +25? 15 pc no_, nc_ off-capacitance c n_(off) v no_ = gnd, f = 1mhz, figure 6 +25? 2 pf com_ off-capacitance c com_(off) v com_ = gnd, f = 1mhz, figure 6 +25? 2 pf com_ on-capacitance c com_(on) v com_ = v no_ = gnd, f = 1mhz, figure 7 +25? 5 pf off-isolation (note 8) v iso r l = 50 ? , c l = 15pf, v n_ = 1v rms , f = 100khz, figure 4 +25? < -90 db power-supply range v+, v- c, e, m -6 6 v -1 0.05 1 v+ supply current i+ v+ = 5.5v, all v in_ = 0 or v+ c, e, m -1 1 ? +25? -1 0.05 1 v- supply current i- v- = -5.5v c, e, m -1 1 ? +25? channel-to-channel crosstalk (note 9) v ct r l = 50 ? , c l = 15pf, v n_ = 1v rms , f = 100khz, figure 5 +25? < -90 db power supply logic input switch dynamic characteristics MAX4521/max4522/max4523 quad, low-voltage, spst analog switches 4 _______________________________________________________________________________________ electrical characteristics?ingle +5v supply (v+ = +4.5v to +5.5v, v- = 0v, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) +25? (note 4) conditions c, e, m 125 200 v 0v+ v com_ , v no_ , v nc_ analog signal range units min typ max (note 3) symbol parameter t a com_ to no_, com_ to nc_ on-resistance r on v+ = 4.5v, v com_ = 3.5v, i com_ = 1ma c, e, m 250 ? +25? 28 com_ to no_, com_ to nc_ on-resistance match between channels (note 5) ? r on v+ = 5v, v com_ = 3.5v, i com_ = 1ma c, e, m 10 ? +25? -1 0.01 1 c, e -10 10 no_, nc_ off-leakage current (notes 7, 10) i no_(off) , i nc_(off) v+ = 5.5v; v com_ = 1v, 4.5v; v n_ = 4.5v, 1v m -100 100 na +25? -1 0.01 1 c, e -10 10 com_ off-leakage current (notes 7, 10) i com_(off) v+ = 5.5v; v com_ = 1v, 4.5v; v n_ = 4.5v, 1v m -100 100 na +25? -2 0.01 2 c, e, -20 20 com_ on-leakage current (notes 7, 10) i com_(on) v+ = 5.5v; v com_ = 4.5v, 1v m -200 200 na in_ input logic threshold high v in_h c, e 1.6 2.4 v in_ input logic threshold low v in_l c, e 0.8 1.6 v in_ input current logic high or low i inh_ , i inl_ v in_ = 0.8v or 2.4v c, e -1 0.03 1 ? +25? 60 100 turn-on time t on v com_ = 3v, v+ = 4.5v, figure 1 c, e, m 150 ns +25? 20 50 turn-off time t off v com_ = 3v, v+ = 4.5v, figure 1 c, e, m 75 ns +25? 10 30 break-before-make time delay (max4523 only) t bbm v com_ = 3v, v+ = 5.5v, figure 2 ns +25? -1 0.05 1 v+ supply current i+ v+ = 5.5v, all v in_ = 0 or v+ c, e, m -1 1 ? +25? -1 0.05 1 v- supply current i- v- = 0 c, e, m -1 1 ? charge injection (note 4) q c l = 1nf, v no_ = 0, r s = 0 ? , figure 3 +25? 15 pc power supply switch dynamic characteristics logic input analog switch MAX4521/max4522/max4523 quad, low-voltage, spst analog switches _______________________________________________________________________________________ 5 note 3: the algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. note 4: guaranteed by design. note 5: ? r on = ? r on(max) - ? r on(min) . note 6: resistance flatness is defined as the difference between the maximum and minimum on-resistance values, as measured over the specified analog signal range. note 7: leakage parameters are 100% tested at maximum rated temperature, and guaranteed by correlation at t a = +25?. note 8: off-isolation = 20log 10 [ v com_ / (v nc_ or v no_ ) ], v com_ = output, v nc_ or v no_ = input to off switch. note 9: between any two switches. note 10: leakage testing for single-supply operation is guaranteed by testing with dual supplies. electrical characteristics?ingle +3v supply (v+ = +2.7v to +3.6v, v- = 0v, t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) +25? (note 4) com_ to no_, com_ to nc_ on-resistance r on v+ = 2.7v, v com_ = 1.0v, i com_ = 0.1ma c, e, m 600 ? in_ input logic threshold high v in_h c, e 1.6 2.4 v in_ input logic threshold low conditions c, e, m v in_l 260 500 v 0v+ v com_ , v no_ , v nc_ analog signal range c, e 0.8 1.6 v in_ input current logic high or low i inh_ , i inl_ v in_ = 0.8v or 2.4v c, e -1 0.03 1 ? +25? 120 250 turn-on time t on v com_ = 1.5v, v+ = 2.7v, figure 1 c, e, m 300 ns +25? 40 80 turn-off time t off v com_ = 1.5v, v+ = 2.7v, figure 1 c, e, m 100 ns +25? 15 50 break-before-make time delay (max4523 only) t bbm v com_ = 1.5v, v+ = 3.6v, figure 2 ns +25? -1 0.05 1 v+ supply current units min typ max (note 3) symbol parameter i+ v+ = 3.6v, all v in_ = 0 or v+ c, e, m -1 1 ? +25? -1 0.05 1 v- supply current i- v- = 0 c, e, m -1 1 ? t a charge injection q c l = 1nf, v no_ = 0, r s = 0 ? , figure 3 +25? 0.5 5 pc analog switch logic input switch dynamic characteristics (note 4) power supply MAX4521/max4522/max4523 quad, low-voltage, spst analog switches 6 _______________________________________________________________________________________ typical operating characteristics (v+ = +5v, v- = -5v, gnd = 0, t a = +25?, unless otherwise noted.) 100 0 -5 -3 1 5 on-resistance vs. v com (dual supplies) 20 80 MAX4521/2/3-toc01 v com (v) r on ( ? ) -1 3 -4 -2 2 04 60 160 180 140 120 40 v+, v- = 2.0v v+, v- = 3.0v v+, v- = 4.0v v+, v- = 5.0v 80 30 -5 -3 1 5 on-resistance vs. v com and temperature (dual supplies) 40 70 MAX4521/2/3-toc02 v com (v) r on ( ? ) -1 3 -4 -2 2 04 60 110 100 90 50 t a = +125? t a = +85? t a = +25? t a = 0? t a = -55? 250 0 01 3 5 on-resistance vs. v com (single supply) 50 200 MAX4521/2/3-toc03 v com (v) r on ( ? ) 24 150 350 300 100 v+ = 2.7v v+ = 3.3v v+ = 5.0v 160 60 01 3 5 on-resistance vs. v com and temperature (single supply) 80 140 MAX4521/2/3-toc04 v com (v) r on ( ? ) 24 120 200 180 100 t a = +25 c t a = +125 c t a = +85 c t a = 0 c t a = -55 c 200 0 24 8 12 turn-on/off time vs. supply voltage 40 160 t on t off MAX4521/2/3-toc07 t on , t off (ns) v+ (v) 610 3711 59 120 80 180 20 140 100 60 10n 0.1p -55 -25 0 25 75 on- and off-leakage current vs. temperature 1p 1n MAX4521/2/3-toc05 temperature ( c) leakage (a) 50 100 125 100p 10p on leakage off leakage 2 -2 -5 -3 1 5 charge injection vs. v com 1 MAX4521/2/3-toc06 v com (v) q (pc) -1 3 -4 -2 2 04 0 -1 v+ = +5v v- = 0v v+ = +5v v- = -5v 100 0 -55 -25 75 turn-on/off time vs. temperature 20 80 t on t off MAX4521/2/3-toc08 temperature ( c) t on , t off (ns) 25 50 0 125 100 60 40 90 10 70 50 30 1 0.00001 -55 -25 75 power-supply current vs. temperature 0.0001 0.1 i+ i- MAX4521/2/3-toc09 temperature ( c) i+, i- ( a) 25 50 0 125 100 0.01 0.001 MAX4521/max4522/max4523 quad, low-voltage, spst analog switches _______________________________________________________________________________________ 7 100 0.001 10 1k 100 100k 10k total harmonic distortion vs. frequency 0.01 MAX4521/2/3-toc10 frequency (hz) thd (%) 0.1 1 10 v+ = +5v v- = -5v 600 ? in and out 0 -10 -90 0.01 0.1 1 10 100 300 frequency response -80 -70 MAX4521/2/3-toc11 frequency (mhz) loss (db) phase (degrees) -50 -60 -40 -20 -30 5 0 -40 -35 -30 -20 -25 -15 -5 -10 insertion loss 50 ? in/out off-isolation on-phase typical operating characteristics (continued) (v+ = +5v, v- = -5v, gnd = 0, t a = +25?, unless otherwise noted.) pin description * no_ (or nc_) and com_ pins are identical and interchangeable. either may be considered as an input or output; signals pass equally well in either direction. pin MAX4521 max4522 max4523 tsop/so qfn tsop/so qfn tsop/so qfn name function 1, 16, 9, 8 15, 14, 7, 6 1, 16, 9, 8 15, 14, 7, 6 1, 16, 9, 8 15, 14, 7, 6 in1 1n4 logic-control digital input 2, 15, 10, 7 16, 13, 8, 5 2, 15, 10, 7 16, 13, 8, 5 2, 15, 10, 7 16, 13, 8, 5 com1 com4 analog switch common* terminals 3, 14, 11, 6 1, 12, 9, 4 nc1 nc4 analog switch normally closed terminals 3, 14, 11, 6 1, 12, 9, 4 no1 no4 analog switch normally open terminals 3, 6 1, 4 no1, no4 analog switch normally open terminals 14, 11 12, 9 nc2, nc3 analog switch normally closed terminals 424242 v- negative analog supply-voltage input. connect to gnd for single supply operation. 535353gnd ground. connect to digital ground. (analog signals have no ground reference; they are limited to v+ and v-.) 12 10 12 10 12 10 n.c. no connect. not internally connected. 13 11 13 11 13 11 v+ positive analog and digital supply- voltage input. internally connected to substrate. MAX4521/max4522/max4523 applications information power-supply considerations overview the MAX4521/max4522/max4523 construction is typi- cal of most cmos analog switches. they have three supply pins: v+, v-, and gnd. v+ and v- are used to drive the internal cmos switches, and they set the lim- its of the analog voltage on any switch. reverse esd- protection diodes are internally connected between each analog-signal pin and both v+ and v-. if any ana- log signal exceeds v+ or v-, one of these diodes con- ducts. during normal operation these reverse-biased esd diodes leak, forming the only current drawn from v+ or v-. virtually all the analog leakage current is through the esd diodes. although the esd diodes on a given sig- nal pin are identical and therefore fairly well balanced, they are reverse biased differently. each is biased by either v+ or v- and the analog signal. this means their leakages vary as the signal varies. the difference in the two diode leakages from the signal path to the v+ and v- pins constitutes the analog-signal-path leakage cur- rent. all analog leakage current flows to the supply ter- minals, not to the other switch terminal. this explains how both sides of a given switch can show leakage currents of the same or opposite polarity. there is no connection between the analog-signal paths and gnd. the analog-signal paths consist of an n-channel and p-channel mosfet with their sources and drains paralleled, and their gates driven out of phase to v+ and v- by the logic-level translators. v+ and gnd power the internal logic and logic-level translators, and set the input logic thresholds. the logic-level translators convert the logic levels to switched v+ and v- signals to drive the gates of the analog switches. this drive signal is the only connec- tion between the logic supplies and the analog sup- plies. v+ and v- have esd-protection diodes to gnd. the logic-level inputs and output have esd protection to v+ and to gnd. increasing v- has no effect on the logic-level thresh- olds, but it does increase the drive to the p-channel switches, reducing their on-resistance. v- also sets the negative limit of the analog-signal voltage. the logic-level thresholds are cmos/ttl compatible when v+ = +5v. the threshold increases slightly as v+ is raised, and when v+ reaches +12v, the level thresh- old is about 3.1v. this is above the ttl output high- level minimum of 2.8v, but still compatible with cmos outputs. bipolar supplies the MAX4521/max4522/max4523 operate with bipolar supplies between 2v and 6v. the v+ and v- sup- plies need not be symmetrical, but their sum cannot exceed the absolute maximum rating of 13.0v. do not connect the MAX4521/max4522/max4523 v+ to +3v, and then connect the logic-level-input pins to ttl logic-level signals. ttl logic-level outputs in excess of the absolute maximum ratings can damage the part and/or external circuits. caution: the absolute maximum v+ to v- differential voltage is 13.0v. typical 6v or 12v supplies with 10% tolerances can be as high as 13.2v. this voltage can damage the MAX4521/max4522/max4523. even 5% tolerance supplies may have overshoot or noise spikes that exceed 13.0v. single supply the MAX4521/max4522/max4523 operate from a single supply between +2v and +12v when v- is con- nected to gnd. all of the bipolar precautions must be observed. high-frequency performance in 50 ? systems, signal response is reasonably flat up to 50mhz (see typical operating characteristics ). above 20mhz, the on-response has several minor peaks that are highly layout dependent. the problem with high-frequency operation is not turning the switch on, but turning it off. the off-state switch acts like a capacitor and passes higher frequencies with less attenuation. at 10mhz, off-isolation is about -52db in 50 ? systems, becoming worse (approximately 20db per decade) as frequency increases. higher circuit impedances also make off-isolation worse. adjacent channel attenuation is about 3db above that of a bare ic socket, and is due entirely to capacitive coupling. quad, low-voltage, spst analog switches 8 _______________________________________________________________________________________ MAX4521/max4522/max4523 quad, low-voltage, spst analog switches _______________________________________________________________________________________ 9 v gen gnd nc or no c l v out v- v- v+ v out in off on off ? v out q = ( ? v out )(c l ) com in depends on switch configuration; input polarity determined by sense of switch. off on off in v in = +3v v+ r gen in MAX4521 max4522 max4523 figure 3. charge injection 50% 0.9 x v 0ut1 +3v 0 0 logic input switch output 2 (v out2 ) 0 0.9 x v out2 t d t d logic input v- v- r l2 gnd c l includes fixture and stray capacitance. com2 in1, 2 com1 v out2 v+ v+ c l2 v com1 r l1 v out1 c l1 r l = 300 ? c l = 35pf no nc switch output 1 (v out1 ) max4523 v com2 figure 1. switching time figure 2. break-before-make interval (max4523 only) test circuits/timing diagrams t r < 20ns t f < 20ns 50% 0 logic input v- v- r l 300 ? no or nc gnd c l includes fixture and stray capacitance. v out = v com ( r l ) r l + r on switch input in, en +3v t off 0 com switch output 0.9 x v 0ut 0.9 x v out t on v out switch output logic input logic input waveforms inverted for en and switches that have the opposite logic sense. c l 35pf v+ v+ v out v com 0 MAX4521 max4522 max4523 MAX4521/max4522/max4523 quad, low-voltage, spst analog switches 10 ______________________________________________________________________________________ figure 5. crosstalk in 0 or 2.4v signal generator 0dbm v+ 10nf analyzer nc or no r l gnd com 10nf v- v- v+ MAX4521 max4522 max4523 signal generator 0dbm v+ 10nf analyzer n02 r l gnd com1 10nf v- v- 0 or 2.4v in1 n01 50 ? com2 in2 0 or 2.4v nc v+ MAX4521 max4522 max4523 figure 4. off-isolation test circuits/timing diagrams (continued) capacitance meter nc or no com gnd 10nf v- v- in 0 or 2.4v 10nf v+ f = 1mhz v+ MAX4521 max4522 max4523 figure 7. channel-on capacitance capacitance meter nc or no com gnd 10nf v- v- in 0 or 2.4v 10nf v+ f = 1mhz v+ MAX4521 max4522 max4523 figure 6. channel-off capacitance MAX4521/max4522/max4523 quad, low-voltage, spst analog switches ______________________________________________________________________________________ 11 part MAX4521epe MAX4521ese max4522 cpe 0 c to +70 c -40 c to +85 c -40 c to +85 c temp. range pin-package 16 plastic dip 16 narrow so 16 plastic dip max4522cse 0 c to +70 c 16 narrow so max4522cee 0 c to +70 c 16 qsop max4522c/d 0 c to +70 c dice* max4522epe -40 c to +85 c 16 plastic dip max4522ese -40 c to +85 c 16 narrow so max4522eee -40 c to +85 c 16 qsop max4522ege -40 c to +85 c 16 qfn max4523 cpe 0 c to +70 c 16 plastic dip max4523cse 0 c to +70 c 16 narrow so max4523cee 0 c to +70 c 16 qsop max4523cge 0 c to +70 c 16 qfn max4523epe -40 c to +85 c 16 plastic dip max4523ese -40 c to +85 c 16 narrow so max4523eee -40 c to +85 c 16 qsop max4523mje -55 c to +125 c 16 cerdip** * contact factory for dice specifications. ** contact factory for availability. chip topography 0.057" (1.45mm) 0.046" (1.19mm) com4 "d" com1 in3 in2 com3 com2 in1 "b" gnd v- "a" "c" in4 v+ transistor count: 97 substrate connected to v+ a b c d a b c d a b c d MAX4521 max4522 max4523 pin name name name pin pin nc1 nc4 nc3 nc2 no1 no4 no3 no2 no1 no4 nc3 nc2 MAX4521eee MAX4521ege -40 c to +85 c -40 c to +85 c 16 qsop 16 qfn MAX4521eue -40 c to +85 c 16 tssop max4522cue 0 c to +70 c 16 tssop max4522eue -40 c to +85 c 16 tssop max4523cue 0 c to +70 c 16 tssop max4523eue -40 c to +85 c 16 tssop MAX4521mje -55 c to +125 c 16 cerdip** max4522cge 0 c to +70 c 16 qfn max4522mje -55 c to +125 c 16 cerdip** max4523c/d 0 c to +70 c dice* max4523ege -40 c to +85 c 16 qfn ordering information (continued) MAX4521/max4522/max4523 quad, low-voltage, spst analog switches 12 ______________________________________________________________________________________ pin configurations (continued) 16 com1 15 in1 14 in2 13 com2 5 com4 6 in4 7 in3 8 com3 MAX4521 2 v- 1 nc1 3 gnd 4 nc4 11 v+ 12 nc2 10 n.c. 9 nc3 top view 16 15 14 13 com1 in1 in2 com2 5 6 7 8 com4 in4 in3 com3 max4522 2 1 3 4 v- no1 gnd no4 11 12 10 9 v+ no2 n.c. no3 16 15 14 13 com1 in1 in2 com2 5 6 7 8 com4 in4 in3 com3 max4523 2 1 3 4 v- no1 gnd no4 11 12 10 9 v+ nc2 n.c. nc3 qfn package information qsop.eps MAX4521/max4522/max4523 quad, low-voltage, spst analog switches ______________________________________________________________________________________ 13 package information (continued) soicn.eps 32l qfn, 3x3x0.85.eps maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 14 __________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 (408) 737-7600 ? 2002 maxim integrated products printed usa is a registered trademark of maxim integrated products. MAX4521/max4522/max4523 quad, low-voltage, spst analog switches package information (continued) |
Price & Availability of MAX4521 |